PART |
Description |
Maker |
ADP3408 ADP3408ARU-18 ADP3408ARU-25 ADP3408ARU-1.8 |
0.3-10.0V; GSM power management system. For GSM/DCS/PCS/CDMA handsets Replaced by BQ29415 : Voltage Protection for 2, 3, or 4 Cell LiIon Batteries (2nd Lev Protection) 8-SM8 -25 to 85
|
AD[Analog Devices] Analog Devices, Inc.
|
EE2-5NU EE2-12NUX-R EE2-12NUX-L EE2-12NUX EE2-12NU |
POWER/SIGNAL RELAY, DPDT, LATCHED, 12VDC (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type Compact and lightweight High breakdown voltage Surface mounting type Replaced by PCM1602A : 105dB SNR 6-Channel Audio DAC 48-LQFP OSC 5V SMT PLAS 14X9 CMOS 105dB SNR 8-Channel Audio DAC 28-SSOP/QSOP -25 to 70 Replaced by PCM1754 : 97dB SNR Stereo DAC 14-SOIC Replaced by PCM1609A : 105dB SNR 8-Channel Audio DAC 48-LQFP 105dB SNR 8-Channel Audio DAC 48-LQFP -25 to 85 Serial Interrupt Stream Deserializer 48-LQFP Compact and lightweight, High breakdown voltage, Surface mounting type 小巧轻盈,击穿电压高,表面安装型 Replaced by PCM1798 : 106dB SNR Stereo DAC 28-SSOP 小巧轻盈,击穿电压高,表面安装型 Compact and lightweight/ High breakdown voltage/ Surface mounting type
|
NEC TOKIN CORP NEC[NEC] NEC Corp. NEC, Corp.
|
EP2S EP2S-3G1 EP2S-3G1TT EP2S-3G2 EP2S-3G2T EP2S-3 |
AUTOMOTIVE RELAYS LOW SOUND PRESSURE AC 12C 6#16 6#12 SKT RECP LINE MAX5128 Evaluation Kit/Evaluation System ER 2C 2#16 PIN RECP LINE Connectors, Accessories Replaced by PTN04050C : MS3126F14-5SWF0 MARK. TAG STRIPS 9705A/8/10 B 11- 20 MY BOOK PRO 500GB EXT HD USB 2.0/FW400/800 3.5 1YR General Purpose Sensor Replaced by PT6101 : LOW SOUND PRESSURE 低的声音压力 Replaced by PTH12020W,PTH08T220W : 低的声音压力 ER 26C 26#16 SKT RECP WALL 低的声音压力 CABLE ASSEMBLY; 7/16" MALE TO N MALE; 52 OHM, RG8A/U COAX 低的声音压力 CABLE ASSEMBLY; 7/16" MALE TO N MALE; 52 OHM, RG8A/U COAX; 12" CABLE LENGTH 低的声音压力 E Core 低的声音压力 RECEPTACLE, INLINE 5 WAY 低的声音压力 Replaced by PTH03020W,PTH04T220W : 低的声音压力 ER 4C 4#16S PIN RECP LINE ER 4C 46S 线性插 Replaced by PTN78000W : 低的声音压力
|
NEC[NEC] NEC Corp. NEC, Corp.
|
DM7416 |
Replaced by ONET4201PA : 2.5 Gbps Limiting Amplifier with RSSI 16-QFN -40 to 85 Hex Inverting Buffers with High Voltage Open-Collector Outputs
|
Fairchild Semiconductor Corporation
|
MC78L05A MC78L05ACZ MC78L05AD MC78L05AZ MC78L06A M |
Replaced by TPS40075 : Midrange Input Synchronous Buck Controller With Voltage Feed-Forward 20-QFN -40 to 85 Mid Range Input Synchronous Buck Controller with Advanced Sequencing and Output Margining 24-VQFN -40 to 85 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS 三端0.1A负电压调节器
|
Boca Semiconductor Corp... BOCA[Boca Semiconductor Corporation] Boca Semiconductor, Corp.
|
A29L160TG-120 A29L160UM-90 A29L160UV-90 A29L160UM- |
122 x 32 pixel format, LED Backlight available 2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory LOGIC PROBE 50MHZ Bench Power Supply; Output Current:3.3A; Calibrated:No; Line Regulation Constant Voltage:50 mV; Load Regulation Constant Voltage:0.5% 200 mV; Ripple Voltage:25mV; Supply Voltage Max:265VAC; Supply Voltage Min:100VAC 128 x 64 pixel format, LED Backlight available Replaced by PT78NR152,PT78ST153 : 5.25Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 240 x 128 pixel format, CFL Backlight with power harness
|
AMIC Technology Corporation
|
MBM29PL3200BE70PFV MBM29PL3200BE70PBT MBM29PL3200B |
32 M (2 M X 16/1 M X 32) BIT 1M X 32 FLASH 3V PROM, 90 ns, PBGA84 Replaced by TPS2046B : 0.345A, 2.7-5.5V Dual (1In/2Out) Hi-Side MOSFET, Fault Report, Act-Low Enable 8-PDIP -40 to 85 32米(2的MX 16 / 1的MX 32)位 Replaced by TPS2046B : 0.345A, 2.7-5.5V Dual (1In/2Out) Hi-Side MOSFET, Fault Report, Act-Low Enable 8-SOIC 0 to 85
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU LTD Fujitsu Component Limit...
|
AN1278 |
Many mechanical components in the automotive sector have been replaced
|
STMicroelectronics
|
S29WS256N0LBAI010 S29WS256N0PBFI013 S29WS064N0LBAW |
Replaced by PTB78520W : 16M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 Replaced by PTB48510C : 16M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY 8M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 3.3Vout 30W 48V-Input Isolated DC-DC Converter 19-SIP MODULE -40 to 85 8M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 Replaced by PTB48560A : 25-WATT TRIPLE OUTPUT 48V-INPUT ISOLATED DC/DC CONVERTER FOR DSL 20-SIP MODULE 256/128/64兆位的CMOS 1.8伏只有同时读/写突发模式闪 256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY 4M X 16 FLASH 1.8V PROM, 70 ns, PBGA80 256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY 256/128/64兆位的CMOS 1.8伏只有同时读/写突发模式闪 Replaced by PTB48560C : 9V 30 Watt 48V-Input Isolated DC/DC Converter 19-SIP MODULE 8M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 LED SMT_ULED4 MICROLED RED/GREEN FOR USE WITH OPTOPIPE
|
Spansion, Inc. Spansion Inc.
|
MC33199 |
Replaced by TLE2161 : Low-Noise Operational 8-CDIP -55 to 125
|
Motorola, Inc.
|
AN1099 |
ST10-DSP MAC 06/07/1997 (OBSOLETE REPLACED BY AN1442)
|
SGS Thomson Microelectronics
|
MIC29150-5.0BT MIC29150-5.0BU MIC29751-3.3BWT MIC2 |
High-Current Low-Dropout Regulators Replaced by PT6302 : High-Current Low-Dropout Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM3 High-Current Low-Dropout Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM5 PT 4C 4#20 SKT PLUG 5 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM3 PT 3C 3#20 SKT PLUG 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 PT 21C 21#16 SKT PLUG 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM3 Replaced by PTN78060W : 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 Replaced by PTN78060W : 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM3 High-Current Low-Dropout Regulators 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 High-Current Low-Dropout Regulators 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 High-Current Low-Dropout Regulators 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM3 Replaced by PT6303 : 1.25 V-25 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 High-Current Low-Dropout Regulators(高电流,低压差稳压器) 大电流低压差稳压器(高电流,低压差稳压器 Replaced by PT5404 :
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc. MICREL INC http://
|